Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN260 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics SN260 Datasheet HTML 31Page - STMicroelectronics SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
SN260
SPI protocol
33/88
23. Decode the response:
0xFE
: SPI Byte indicating an EZSP Frame
0x03
: Length Byte showing the EZSP Frame is 3 bytes long
0x80
: EZSP Frame Control Byte indicating a response with no overflow
0x19
: EZSP Frame Type Byte indicating the emberStackStatusHandler
command
0x91
: EmberStatus EMBER_NETWORK_DOWN from
emberStackStatusHandler
0xA7
– Frame Terminator
24. Deactivate Slave Select.
25. Since nHOST_INT does not assert again, there is no more data for the Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88