| Moteur de recherche de fiches techniques de composants électroniques |
|
SN260 Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN260 Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 88 page ![]() EmberZNet serial protocol SN260 56/88 Response parameters EmberStatus status An EmberStatus value indicating success or the reason for failure. Table 57. setTimer (continued) Table 58. getTimer Name: getTimer ID: 0x4E Description: Gets information about a timer. The Host can use this command to find out how much longer it will be before a previously set timer will generate a callback. Command parameters: int8u timerId Which timer to get information about (0 or 1). Response parameters: int16u time The delay before the timerHandler callback will be generated. EmberEventUnits units The units for time. boolean repeat True if a timerHandler callback will be generated repeatedly. False if only a single timerHandler callback will be generated. Table 59. timerHandler Name: timerHandler ID: 0x0F Description: A callback from the timer. This frame is a response to the callback command. Response parameters: int8u timerId Which timer generated the callback (0 or 1). Table 60. serialWrite Name: serialWrite ID: 0x10 Description: Sends a serial message from the Host to the InSight debug system via the SN260. Command parameters: int8u messageLength The length of the messageContents parameter in bytes. int8u[] messageContents The serial message. Response parameters: EmberStatus status An EmberStatus value indicating success or the reason for failure. |