Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN260 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 60Page - STMicroelectronics SN260 Datasheet HTML 61Page - STMicroelectronics SN260 Datasheet HTML 62Page - STMicroelectronics SN260 Datasheet HTML 63Page - STMicroelectronics SN260 Datasheet HTML 64Page - STMicroelectronics SN260 Datasheet HTML 65Page - STMicroelectronics SN260 Datasheet HTML 66Page - STMicroelectronics SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
EmberZNet serial protocol
SN260
64/88
Table 85.
sendDiscoveryInformationToParent
Name:
sendDiscoveryInformationToParent
ID: 0x25
Description:
Initiates the upload of discovery information to the parent of this node. Only devices that are joined to a network
with a node type of EMBER_SLEEPY_END_DEVICE may call this function. The parent stores the information in its
discovery cache. The information is sent using ZDO messages with cluster IDs
NODE_DESCRIPTOR_RESPONSE, POWER_DESCRIPTOR_RESPONSE and
SIMPLE_DESCRIPTOR_RESPONSE.
Command parameters: None
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 86.
getEui64
Name: getEui64
ID: 0x26
Description: Returns the EUI64 ID of the local node.
Command parameters: None
Response parameters:
EmberEUI64 eui64
The 64-bit ID.
Table 87.
getNodeId
Name: getNodeId
ID: 0x27
Description: Returns the 16-bit node ID of the local node.
Command parameters: None
Response parameters:
EmberNodeId nodeId
The 16-bit ID.
Table 88.
getNetworkParameters
Name: getNetworkParameters
ID: 0x28
Description: Returns the current network parameters.
Command parameters: None
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
EmberNodeType nodeType
An EmberNodeType value indicating the current node type.
EmberNetworkParameters
The current network parameters.
Table 89.
getParentChildParameters
Name: getParentChildParameters
ID: 0x29
Description: Returns information about the children of the local node and the parent of the local node.
Command parameters: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88