Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCH7 Fiches technique(PDF) 162 Page - STMicroelectronics

No de pièce STM32F207VCH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH7 Fiches technique(HTML) 162 Page - STMicroelectronics

Back Button STM32F207VCH7 Datasheet HTML 158Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 159Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 160Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 161Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 162Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 163Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 164Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 165Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 184 page
background image
Package information
STM32F20xxx
162/184
DocID15818 Rev 15
Device marking
Figure 86 gives an example of topside marking orientation versus Pin 1 identifier location.
Figure 86. LQFP144 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More