Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCH7 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STM32F207VCH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH7 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STM32F207VCH7 Datasheet HTML 14Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 15Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 16Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 17Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 18Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 19Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 20Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 21Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 184 page
background image
Description
STM32F20xxx
18/184
DocID15818 Rev 15
2.1
Full compatibility throughout the family
The STM32F205xx and STM32F207xx constitute the STM32F20x family whose members
are fully pin-to-pin, software and feature compatible, allowing the user to try different
memory densities and peripherals for a greater degree of freedom during the development
cycle.
The STM32F205xx and STM32F207xx devices maintain a close compatibility with the
whole STM32F10xxx family. All functional pins are pin-to-pin compatible. The
STM32F205xx and STM32F207xx, however, are not drop-in replacements for the
STM32F10xxx devices: the two families do not have the same power scheme, and so their
power pins are different. Nonetheless, transition from the STM32F10xxx to the STM32F20x
family remains simple as only a few pins are impacted.
Figure 1, Figure 2 and Figure 3 provide compatible board designs between the STM32F20x
and the STM32F10xxx family.
Figure 1. Compatible board design between STM32F10x and STM32F2xx
for LQFP64 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More