Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCH7 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32F207VCH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH7 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32F207VCH7 Datasheet HTML 41Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 42Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 43Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 44Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 45Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 46Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 47Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 48Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
DocID15818 Rev 15
45/184
STM32F20xxx
Pinouts and pin description
183
Figure 14. STM32F20x LQFP176 pinout
1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More