Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCH7 Fiches technique(PDF) 159 Page - STMicroelectronics

No de pièce STM32F207VCH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH7 Fiches technique(HTML) 159 Page - STMicroelectronics

Back Button STM32F207VCH7 Datasheet HTML 155Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 156Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 157Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 158Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 159Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 160Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 161Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 162Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 184 page
background image
DocID15818 Rev 15
159/184
STM32F20xxx
Package information
183
7.4
LQFP144 package information
Figure 84. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More