Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGU6PTR Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STM32F412RGU6PTR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU6PTR Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STM32F412RGU6PTR Datasheet HTML 56Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 57Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 58Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 59Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 60Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 61Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 62Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 63Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
60/201
DocID028087 Rev 7
32 44 D3 70
B12
C12 103
PA11
I/O
FT
-
TIM1_CH4, SPI4_MISO,
USART1_CTS,
USART6_TX,
CAN1_RX,
USB_FS_DM,
EVENTOUT
-
33 45 C1 71
A12
B12 104
PA12
I/O
FT
-
TIM1_ETR, SPI5_MISO,
USART1_RTS,
USART6_RX,
CAN1_TX,
USB_FS_DP,
EVENTOUT
-
34 46 C2 72
A11
A12 105
PA13
I/O
FT
-
JTMS-SWDIO,
EVENTOUT
-
-
-
-
73
C11
G9
106
VCAP_2
S
-
-
-
-
35 47 B1 74
F11
G10 107
VSS
S
-
-
-
-
36 48
-
75
G11
-
-
VDD
S
-
-
-
-
--
A1
-
-
F9
108
VDD
S
-
-
-
-
37 49 B2 76
A10
A11 109
PA14
I/O
FT
-
JTCK-SWCLK,
EVENTOUT
-
38 50 A2 77
A9
A10 110
PA15
I/O
FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART1_TX,
EVENTOUT
-
-
51 C3 78
B11
B11 111
PC10
I/O
FT
-
SPI3_SCK/I2S3_CK,
USART3_TX,
QUADSPI_BK1_IO1,
SDIO_D2, EVENTOUT
-
-
52 B3 79
C10
B10 112
PC11
I/O
FT
-
I2S3ext_SD,
SPI3_MISO,
USART3_RX,
QUADSPI_BK2_NCS,
FSMC_D2/FSMC_DA2,
SDIO_D3, EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More