Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGU6PTR Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STM32F412RGU6PTR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU6PTR Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STM32F412RGU6PTR Datasheet HTML 48Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 49Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 50Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 51Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 52Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 53Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 54Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 55Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
52/201
DocID028087 Rev 7
-
8
D5 15
H1
H1
26
PC0
I/O
FT
-
EVENTOUT
ADC1_10,
WKUP2
-
9
F8 16
J2
H2
27
PC1
I/O
FT
-
EVENTOUT
ADC1_11,
WKUP3
-10 E7 17
J3
H3
28
PC2
I/O
FT
-
SPI2_MISO,
I2S2ext_SD,
DFSDM1_CKOUT,
FSMC_NWE,
EVENTOUT
ADC1_12
-11 D6 18
K2
H4
29
PC3
I/O
FT
-
SPI2_MOSI/I2S2_SD,
FSMC_A0, EVENTOUT
ADC1_13
-
-
-
19
-
-
30
VDD
S
-
-
-
-
812 G8 20
-
-
31
VSSA/
VREF
S-
-
-
-
-
-
-
-
J1
J1
-
VSSA
S
-
-
-
-
---
-
K1
K1
-
VREF-
S
-
-
-
-
913 F7
-
-
-
-
VDDA/
VREF+
S-
-
-
-
-
-
-
21
L1
L1
32
VREF+
S
-
-
-
-
-
-
-
22
M1
M1
33
VDDA
S
-
-
-
-
10 14 E6 23
L2
J2
34
PA0
I/O
FT
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
EVENTOUT
ADC1_0,
WKUP1
11 15 G7 24
M2
K2
35
PA1
I/O
FT
-
TIM2_CH2, TIM5_CH2,
SPI4_MOSI/I2S4_SD,
USART2_RTS,
QUADSPI_BK1_IO3,
EVENTOUT
ADC1_1
12 16 H8 25
K3
L2
36
PA2
I/O
FT
-
TIM2_CH3, TIM5_CH3,
TIM9_CH1, I2S2_CKIN,
USART2_TX,
FSMC_D4/FSMC_DA4,
EVENTOUT
ADC1_2
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More