Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F2X Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce PIC18F2X
Description  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Fiches technique(HTML) 14 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology PIC18F2X Datasheet HTML 12Page - Microchip Technology PIC18F2X Datasheet HTML 13Page - Microchip Technology PIC18F2X Datasheet HTML 14Page - Microchip Technology PIC18F2X Datasheet HTML 15Page - Microchip Technology PIC18F2X Datasheet HTML 16Page - Microchip Technology PIC18F2X Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
RE6
60
ANE6
—
—
—
—
—
—
—
SMT1WIN1(1)
CCP3(1)
—
—
IOCE6
—
RE7
59
ANE7
—
—
—
—
—
—
—
SMT1SIG1(1)
——
—
IOCE7
—
RF0
18
ANF0
—
C1IN0-
C2IN0-
—
—
—
—
—
—
—
—
—
—
—
RF1
17
ANF1
—
—
—
—
—
—
—
—
—
—
—
—
—
RF2
16
ANF2
—
—
—
—
—
—
—
—
—
—
—
—
—
RF3
15
ANF3
—
C1IN2-
C2IN2-
C3IN2-
——
—
—
—
—
—
—
—
—
—
RF4
14
ANF4
—
C2IN0+
—
—
—
—
—
—
—
—
—
—
—
RF5
13
ANF5
DAC1OUT1
C1IN1-
C2IN1-
——
—
—
—
—
—
—
—
—
—
RF6
12
ANF6
—
C1IN0+
—
—
—
—
—
—
—
—
—
—
—
RF7
11
ANF7
—
C1IN3-
C2IN3-
C3IN3-
—SS1(1)
——
—
—
—
—
—
—
—
RG0
3
ANG0
—
—
—
—
—
—
—
—
—
—
—
—
—
RG1
4
ANG1
—
—
—
—
CK2(3)
——
—
—
—
—
—
—
RG2
5
ANG2
—
C3IN0+
—
—
RX2(1)
DT2(3)
—
—
—
—
—
—
—
—
RG3
6
ANG3
—
C3IN0-
—
—
—
—
—
—
CCP1(1)
——
—
—
RG4
8
ANG4
—
C3IN1-
—
—
—
—
T5G(1)
T7CKI(1)
—
CCP2(1)
—
—
—
—
RG5
7
—
—
—
—
—
—
—
—
—
—
—
—
—
MCLR
VPP
RG6
20
ANG6
—
—
—
—
—
—
—
SMT2WIN1(1)
—
—
—
—
—
RG7
19
ANG7
—
—
—
—
—
—
—
SMT2SIG1(1)
——
—
—
—
RH0
26
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RH1
25
ADCACT(1)
——
—
—
—
—
—
—
—
—
—
—
—
RH2
57
—
—
—
—
—
—
—
—
—
—
—
—
—
—
TABLE 5:
64-PIN ALLOCATION TABLE PIC18(L)F6XK40 (CONTINUED)
Note
1:
This is a PPS remappable signal. The input function may be removed from the default location shown to one of several other PORTx pins. Details about this can be found in the data sheet.
2:
All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several POTRTx pin options. Details about this can be found in the data sheet.
3:
This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers.
4:
These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RA5) will operate, but input logic levels will be
standard TTL/ST as selected b the INLVL register, instead of the I2C specific input buffer thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17