| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F2X Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 17 page ![]() TABLE 5: 64-PIN ALLOCATION TABLE PIC18(L)F6XK40 RA0 24 ANA0 — C1IN4- C2IN4- C3IN4- — — — — T8IN(1) — — — — — — RA1 23 ANA1 — — — — — — T2IN(1) —— — — — — RA2 22 VREF- ANA2 VREF- C1IN1+ C2IN1+ C3IN1+ — — — — — — — — — — — RA3 21 VREF+ ANA3 VREF+— — — — — — — — — — — — RA4 28 ANA4 — — — — — — T0CKI(1) — — — — — — RA5 27 ANA5 — — — — — — T3G(1) —— — — — — RA6 40 ANA6 — — — — — — — — — — — — OSC2 CLKOUT RA7 39 ANA7 — — — — — — — — — — — — OSC1 CLKIN RB0 48 ANB0 — — ZCD — — — — — — —r — INT0(1) IOCB0 — RB1 47 ANB1 — — — — — — — — — — — INT1(1) IOCB1 — RB2 46 ANB2 — — — — — — — — — — — INT2(1) IOCB2 — RB3 45 ANB3 — — — — — — — — — — — INT3(1) IOCB3 — RB4 44 ANB4 — — — — — — — — — — — IOCB4 — RB5 43 ANB5 — — — — — — T1G(1) T3CKI(1) —— — — IOCB5 — RB6 42 ANB6 — — — — — — — — — — — IOCB6 ICSPCLK RB7 37 ANB7 DAC1OUT2 — — — — — — — — — — IOCB7 ICSPDAT RC0 30 — — — — — CK4(3) — T1CKI(1) — — — — IOCC0 SOSCO Note 1: This is a PPS remappable signal. The input function may be removed from the default location shown to one of several other PORTx pins. Details about this can be found in the data sheet. 2: All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several POTRTx pin options. Details about this can be found in the data sheet. 3: This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers. 4: These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RA5) will operate, but input logic levels will be standard TTL/ST as selected b the INLVL register, instead of the I2C specific input buffer thresholds. |