| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3923TL/NOPB Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3923TL/NOPB Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 37 page ![]() LP3923 www.ti.com SNVS567B – APRIL 2010 – REVISED MAY 2013 LDO1, LDO2 (LILO) Electrical Characteristics (continued) Unless otherwise noted, if SEL=GND, then VIN=VIN1=BATT=3.6V, if SEL=BATT, then VIN=VIN1=VBUCK, GND = 0V, CV!N1-2 = 10 µF, CLDOx= 1 µF. Note VINMIN is the greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C. (1) Limit Unit Symbol Parameter Conditions Typical s Min Max IOUT Output Current VINMIN ≤ VIN ≤ 5.5V 300 mA Output Current Limit VOUT = 0V 600 VDO Dropout Voltage IOUT =300 mA (2) (3) 135 180 mV ΔVOUT Line Regulation VINMIN ≤ VIN ≤ 5.5V 2 IOUT = 1 mA mV Load Regulation 1 mA ≤ IOUT ≤ 300 mA 5 PSRR Power Supply Ripple F = 10 kHz, COUT = 1 µF, 60 dB Rejection Ratio VOUT = 3.0V, IOUT = 20 mA (2) tSTART-UP Start-Up Time from Shut- COUT = 1 µF, IOUT = 300 mA (2) 35 µs down TTransient Start-Up Transient COUT = 1 µF, IOUT = 300 mA (2) 30 mV Overshoot (2) Ensured by design. (3) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input voltage at or about 1.5V. LDO3 (D-Type) Electrical Characteristics Unless otherwise noted, VIN=VIN2=BATT=3.6V, GND = 0V, CV!N1-2 = 10 µF, CLDOx= 1 µF. Note VINMIN is the greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C. (1) Limit Symbol Parameter Conditions Typical Units Min Max VOUT Output Voltage Accuracy IOUT = 1 mA, VOUT = 3.0V −2 +2 % −3 +3 Default Output Voltage 3.0 V IOUT Output Current VINMIN ≤ VIN ≤ 5.5V 300 mA Output Current Limit VOUT = 0V 600 VDO Dropout Voltage IOUT = 300 mA (2) (3) 135 250 mV ΔVOUT Line Regulation VINMIN ≤ VIN ≤ 5.5V 2 IOUT = 1 mA mV Load Regulation 1 mA ≤ IOUT ≤ 300 mA 5 eN Output Noise Voltage 10 Hz ≤ f ≤ 100 kHz, 35 µVRMS COUT = 1 µF (2) PSRR Power Supply Ripple Rejection F = 10 kHz, Ratio COUT = 1 µF, 60 dB IOUT = 20 mA (2) tSTART-UP Start-Up Time from Shut-down COUT = 1 µF, IOUT = 300 mA (2) 35 µs TTransient Start-Up Transient Overshoot COUT = 1 µF, IOUT = 300 mA (2) 30 mV (1) All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) Ensured by design. (3) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input voltage at or about 1.5V. Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LP3923 |