| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3923TL/NOPB Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3923TL/NOPB Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 37 page ![]() LP3923 SNVS567B – APRIL 2010 – REVISED MAY 2013 www.ti.com Table 2. LDOs and Buck Default Voltages (for options LP3923TL/X and LP3923TL/X-VI) Device Type Current Enable Input Output(V) Startup Input Output(V) Startup (mA) control default default SEL=BATT SEL=GND Buck 700 SI VINB=BATT 2.0(1) ON VINB=BATT 1.8(1) ON LDO1 LILO 300 SI VIN1=VBUCK 1.8 ON VIN1=BATT 3 ON LDO2 LILO 300 SI VIN1=VBUCK 1.8 ON VIN1=BATT 3 ON LDO3 D 300 - VIN2=BATT 3 ON VIN2=BATT 3 ON LDO4 A 80 TCXO_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO5 A 150 RX_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO6 A 150 TX_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO7 A 150 SI VIN2=BATT 3 ON VIN2=BATT 3 ON LDO8 D 150 SI VIN2=BATT 3 OFF VIN2=BATT 3 OFF (1) Voltage is set by the external resistors. Table 3. LDOs and Buck Default Voltages (for options LP3923TL/X-VB and LP3923TL/X-VC) Device Type Current Enable Input Output(V) Startup Input Output(V) Startup (mA) control default default SEL=BATT SEL=GND Buck 700 SI VINB=BATT 2.0(1) ON VINB=BATT 1.8(1) ON LDO1 LILO 300 SI VIN1=VBUCK 1.8 ON VIN1=BATT 3 OFF LDO2 LILO 300 SI VIN1=VBUCK 1.8 ON VIN1=BATT 3 OFF LDO3 D 300 - VIN2=BATT 3 ON VIN2=BATT 3 ON LDO4 A 80 TCXO_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO5 A 150 RX_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO6 A 150 TX_EN VIN2=BATT 3 OFF VIN2=BATT 3 OFF LDO7 A 150 SI VIN2=BATT 3 ON VIN2=BATT 3 ON LDO8 D 150 SI VIN2=BATT 3 OFF VIN2=BATT 3 OFF (1) Voltage is set by the external resistors. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 6 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: LP3923 |