| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS10DFIV13 Fiches technique(PDF) 98 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS10DFIV13 Fiches technique(HTML) 98 Page - Cypress Semiconductor |
|
98 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 98 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S Notes: 1. Additional speed, package, and temperature options maybe offered in the future. Check with your local sales representative for availability. 2. Package Type 0 is standard option. S29GL128S 90 DHI, FAI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL128S90DHIyyx S29GL128S90FAIyyx S29GL128S90FHIyyx S29GL128S90GHIyyx S29GL128S90TFIyyx 100 DHV, TFV (Note 1) 01, 02 S29GL128S10DHVyyx S29GL128S10TFVyyx DHI, FAI, FHI, TFI (Note 1) V1, V2 S29GL128S10DHIyyx S29GL128S10FAIyyx S29GL128S10FHIyyx S29GL128S10TFIyyx 110 DHV, TFV, FHV (Note 1) V1, V2 S29GL128S11DHVyyx S29GL128S11TFVyyx S29GL128S11FHVyyx Table 14.1 S29GL-S Valid Combinations — Standard (Continued) S29GL-S Valid Combinations — Standard Base OPN Speed (ns) Package and Temperature Model Number Packing Type Ordering Part Number (yy = Model Number, x = Packing Type) |