| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS10DFIV13 Fiches technique(PDF) 53 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS10DFIV13 Fiches technique(HTML) 53 Page - Cypress Semiconductor |
|
53 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 53 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S PP Table 5.22 Password ASO PPB Table 5.23 PPB PPBER Table 5.23 PPB - Erase PPBEXT Table 5.23 PPB - Command Exit PPBLB Table 5.24 PPB Lock Bit PPBLBEXT Table 5.24 PPB Lock Bit - Command Exit PPBLBSET Table 5.24 PPB Lock Bit - Set PPBLBSR Table 5.24 PPB Lock Bit - Status Register Read PPBPG Table 5.23 PPB - Program PPBPG1 Table 5.23 PPB - Program Request PPBSR Table 5.23 PPB - Status Register Read PPD Table 5.22 Password ASO - Data PPEXT Table 5.22 Password ASO - Command Exit PPPG Table 5.22 Password ASO - Program PPPG1 Table 5.22 Password ASO - Program Request PPSR Table 5.22 Password ASO - Status Register Read PS Table 5.16 Program Suspended PSR Table 5.16 Program Suspend Request PSSR Table 5.16 Program Suspended - Status Register Read PPWB25 Table 5.22 Password ASO - Unlock READ Table 5.6 Read Array READSR Table 5.6 Read Status Register READUL1 Table 5.7 Read - Unlock Cycle 1 READUL2 Table 5.7 Read - Unlock Cycle 2 SER Table 5.8 Sector Erase Start SSR Table 5.19 Secure Silicon SSREXT Table 5.21 Secure Silicon - Command Exit SSRPG Table 5.21 Secure Silicon - Program SSRPG1 Table 5.21 Secure Silicon - Word Program SSRSR Table 5.21 Secure Silicon - Status Register Read SSRUL1 Table 5.20 Secure Silicon - Unlock Cycle 1 SSRUL2 Table 5.20 Secure Silicon - Unlock Cycle 2 SSR_WB Table 5.21 Secure Silicon - Write to Buffer SSR_WB_D Table 5.21 Secure Silicon - Write to Buffer - Write Data WB Table 5.14 Write to Buffer WBUL1 Table 5.15 Write Buffer - Unlock Cycle 1 WBUL2 Table 5.15 Write Buffer - Unlock Cycle 2 WB_D Table 5.14 Write to Buffer Write Data Table 5.26 State Transition Definitions (Continued) Current State Command Transition Definition |