| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7546 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7546 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 68 page ![]() TDA7546 Software specifications 49/68 Table 32. Addr 23 test control 2 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxx xxxx x Only for testing ( have to be set to 0) Table 33. Addr 24 test control 3 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 x x x x x x x x Only for testing ( have to be set to 0) Table 34. Addr25 test control 4 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 x x x x x x x x Only for testing ( have to be set to 0) |