Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7546 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 35Page - STMicroelectronics TDA7546 Datasheet HTML 36Page - STMicroelectronics TDA7546 Datasheet HTML 37Page - STMicroelectronics TDA7546 Datasheet HTML 38Page - STMicroelectronics TDA7546 Datasheet HTML 39Page - STMicroelectronics TDA7546 Datasheet HTML 40Page - STMicroelectronics TDA7546 Datasheet HTML 41Page - STMicroelectronics TDA7546 Datasheet HTML 42Page - STMicroelectronics TDA7546 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
TDA7546
Software specifications
39/68
TEST
Testing PLL/IFC (only for testing)
TIN
Switch FSU PIN to TEST input (only for testing)
TINAC
Test input adjacent channel (only for testing)
TINACM
Test input adjacent channel mute (only for testing)
TINMP
Test input multipath(only for testing)
TISS
Time constant for ISS filter “ON”/”OFF”
TOUT
Switch FSU PIN to Test output (only for testing)
TVO
Tuning voltage offset for prestage
TVWB
Tuning voltage offset for prestage (weather band mode)
VCOD
VCO divider
XTAL
Xtal frequency adjust
Table 10.
Control register function (continued)
Register Name
Function
Table 11.
Subaddress
MSB
LSB
Function
I
A4A3A2A1
A0
00000
Charge pump control
00001
PLL lock detector
-----
-
10101
I/Q ADJ
0
Page mode “OFF”
1
Page mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68