Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPCR Fiches technique(PDF) 3 Page - TT Electronics.

No de pièce DPCR
Description  Defibrillator Pulse Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DPCR Fiches technique(HTML) 3 Page - TT Electronics.

  DPCR Datasheet HTML 1Page - TT Electronics. DPCR Datasheet HTML 2Page - TT Electronics. DPCR Datasheet HTML 3Page - TT Electronics. DPCR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
Defibrillator Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
ESD Pulse Value Stability
The
typical stability of ohmic value after exposure to up to 100 ESD pulses applied at 30s intervals.
DPCR Series
Defibrillator Pulse Value Stability
ESD Pulse Value Stability
The typical stability of ohmic value after exposure to up to 100 defibrillation pulses applied at 12s intervals.
The typical stability of ohmic value after exposure to up to 100 ESD pulses to IEC 61000-4-2, Level 4 applied at 30s intervals.
Defibrillator Pulse Chip Resistors
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com