Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPCR Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce DPCR
Description  Defibrillator Pulse Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DPCR Fiches technique(HTML) 4 Page - TT Electronics.

  DPCR Datasheet HTML 1Page - TT Electronics. DPCR Datasheet HTML 2Page - TT Electronics. DPCR Datasheet HTML 3Page - TT Electronics. DPCR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPCR resistors are ideally suited for handling by automatic methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or
wave soldering of wrap-around terminations. For reflow processing of DPCR parts, a solder paste thickness of not less than
100µm is recommended.
Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the
DPCR can be immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side
of a printed circuit board and wire-leaded components applied on the other side. DPCR is compatible with typical Pb-free
soldering materials and temperature profiles.
DPCR resistors themselves can operate at a maximum temperature of 155°C. For soldered resistors, the joint temperature
should not exceed 110°C. This condition is met when the stated power levels at 70°C and recommended pad and trace
areas are used. Pad and trace area is defined as the total area of the solder pad plus all copper trace within two squares of
the edge of the solder pad. Allowance should be made if smaller areas of copper are used.
Thermal Performance Data
Packaging
Application Notes
Ordering Procedure
DPCR2512 resistors are supplied on 12 mm plastic carrier tape on 7 inch reels as per IEC 286-3.
Example: DPCR2512-20KJT18 (DPCR2512, 20 kilohms ±5%, Pb-free)
DPCR Series
Defibrillator Pulse Chip Resistors
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
03.20
Defibrillator Pulse Chip Resistors
DPCR Series
1
2
D P C R 2 5 1 2 - 2 0 K J T 1 8
Thermal Performance Data
Packaging
DPCR2512 resistors are supplied on 12 mm plastic carrier tape on 7 inch reels as per IEC 286-3.
ApplicationNotes
DPCR resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
DPCR can be immersed in the solder bath for 30 seconds
at 260°C. This enables the resistor to be mounted on one
side of a printed circuit board and wire-leaded components
Ordering Procedure
applied on the other side. DPCR is compatible with
typicalPb-freesolderingmaterialsandtemperature
profiles.
DPCR resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended pad
and trace areas are used. Pad and trace area is defined as
the total area of the solder pad plus all copper trace within two
squares of the edge of the solder pad. Allowance should be made
if smaller areas of copper are used.
Example: DPCR2512-20KJT18 (DPCR2512, 20 kilohms ±5%, Pb-free)
3
4
5
1
Type
2
Size
3
4
Tolerance
5
Termination & Packing
DPCR 2512 E24 = 3/4 characters
K = kilohms
J = ±5% Standard Pb-free finish
T18 1800/reel standard
T1 1000/reel available
D
P
C
R
2
5
1
2
-
2
0
K
J
T
1
8
1
2
3
4
5
1
Type
2
Size
3
4
Tolerance
5
Termination & Packing
DPCR 2512
E24 = 3/4 characters
K = kilohms
J = ±5%
Standard Pb-free finish
T18
1800/reel standard
T1
1000/reel available
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com