Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPCR Fiches technique(PDF) 1 Page - TT Electronics.

No de pièce DPCR
Description  Defibrillator Pulse Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DPCR Fiches technique(HTML) 1 Page - TT Electronics.

  DPCR Datasheet HTML 1Page - TT Electronics. DPCR Datasheet HTML 2Page - TT Electronics. DPCR Datasheet HTML 3Page - TT Electronics. DPCR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions (mm) & Weight (mg)
L
W
T max
A
B min
C
Wt.
2512
6.5±0.3
3.2±0.2
0.8
0.6±0.3
4.4
0.6±0.25
65
Defibrillator Pulse Chip Resistors
DPCR Series
Features
Withstands medical defibrillator surges
Withstands ESD to 15kV
Compact 2512 footprint
Anti-Sulphur terminations
2
1
5
2
0
1
0
2
6
0
2
1
5
.
1
5
7
.
0
3
3
.
0
W
C
°
0
7
@
r
e
w
o
P
4
.
9
7
.
4
1
.
2
W
C
°
5
2
@
r
e
w
o
p
d
a
o
lr
e
v
o
d
n
o
c
e
s
2
s
h
p
a
r
g
e
e
S
e
c
n
a
m
r
o
f
r
e
p
e
sl
u
p
t
r
o
h
S
0R5 to 4M7
s
m
h
o
e
g
n
a
r
e
c
n
a
t
si
s
e
R
5
,
1
:
s
e
u
l
a
v
ll
A
,
5
.
0
:
M
1
o
t
R
0
1
%
e
c
n
a
r
e
l
o
T
0
0
5
0
0
4
0
0
2
V
V
E
L
0
0
1
:
R
0
1
>
0
0
2
:
R
0
1
<
C
°/
m
p
p
R
C
T
5
5
1
+
o
t
5
5
-
C
°
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
0
0
5
V
e
g
a
tl
o
v
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
0
5
0
8
0
6
1
W
/
C
°
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
Pad & trace area for rated power* mm2
0
0
1
0
6
0
5
0805
0603
0.25
0.125
0.8
75
302
30
1.6
0R5 to 1M0
210
150
40
r
e
d
r
o
l
a
i
c
e
p
s
o
t
s
e
u
l
a
v
r
e
h
t
o
-
d
e
r
r
e
f
e
r
p
6
9
r
o
4
2
E
s
e
u
l
a
V
Double-Sided
Chip Resistors
DSC Series
Two parallel resistance elements
in a single chip
Excellent pulse withstand performance
Laser trimmed up to 0.5% tolerance
Enhanced working voltage
Enhanced power rating
Pb-free terminations
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
04. 08
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm) & Weight (mg)
L
W
T max
A
B min
C
Wt.
1206
3.2±0.2
1.6±0.2
0.7
0.4±0.2
1.7
0.4±0.15
10
0805
2.0±0.15 1.25±0.15
0.7
0.3±0.15
0.9
0.3±0.1
5.0
0603
1.6±0.1
0.8±0.1
0.6
0.3±0.15
0.6
0.3±0.15
2.7
2010
5.1±0.3
2.5±0.2
0.8
0.6±0.3
3.0
0.6±0.25
42
2512
6.5±0.3
3.2±0.2
0.8
0.6±0.3
4.4
0.6±0.25
65
Physical Data
_
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Construction
Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Wrap-around terminations
have an electroplated nickel barrier and solderable coating, this ensures excellent ‘leach’ resistance properties and solderability.
Marking
Components are not marked. Reels are marked with type, value, tolerance, date code and quantity.
Solvent Resistance
The body protection is resistant to all normal industrial cleaning solvents suitable for printed circuits.
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
C
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
2512
Power @70°C
W
1.5
Resistance values
ohms
20K to 100K
Tolerance
%
5
LEV
V
500
TCR
ppm/°C
±100
Operating temperature
°C
-55 to +155
Dielectric withstand voltage
V
500
Thermal Impedance
°C/W
50
Pad & trace area for rated power*
mm2
100
Values
20K & 51K standard- other E24 values available
Electrical Data
Physical Data
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Construction
Marking
Solvent Resistance
Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Wrap-around terminations have an electro-
plated nickel barrier and solderable coating; this ensures excellent ‘leach’ resistance properties and solderability
Components are not marked. Reels are marked with type, value, tolerance, date code and quantity.
The body protection is resistant to all normal industrial cleaning solvents suitable for printed circuits.
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Numéro de pièce similaire - DPCR

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
Definite Purpose Contactors
logo
TE Connectivity Ltd
DPC TEC-DPC Datasheet
242Kb / 4P
Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
logo
TALEMA Group. LLC
DPC--1.0-22 TALEMA-DPC--1.0-22 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPC--1.0-33 TALEMA-DPC--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPC-0.5-100 TALEMA-DPC-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results

Description similaire - DPCR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR05 TOKEN-PWR05 Datasheet
434Kb / 7P
PWR Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
Pulse Withstanding Chip Resistors
logo
Vishay Siliconix
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
07-May-09
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
21-Mar-13
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
logo
Vishay Siliconix
DCRCW-IFE3 VISHAY-DCRCW-IFE3 Datasheet
145Kb / 10P
Pulse Proof Thick Film Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com