| Moteur de recherche de fiches techniques de composants électroniques |
|
CS280 Fiches technique(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS280 Fiches technique(HTML) 14 Page - Advanced Micro Devices |
|
14 / 14 page ![]() XC95288XL High Performance CPLD 14 www.xilinx.com DS055 (v2.1 April 3, 2007 1-800-255-7778 Product Specification R Warranty Disclaimer THESE PRODUCTS ARE SUBJECT TO THE TERMS OF THE XILINX LIMITED WARRANTY WHICH CAN BE VIEWED AT http://www.xilinx.com/warranty.htm. THIS LIMITED WARRANTY DOES NOT EXTEND TO ANY USE OF THE PRODUCTS IN AN APPLICATION OR ENVIRONMENT THAT IS NOT WITHIN THE SPECIFICATIONS STATED ON THE THEN-CURRENT XILINX DATA SHEET FOR THE PRODUCTS. PRODUCTS ARE NOT DESIGNED TO BE FAIL-SAFE AND ARE NOT WARRANTED FOR USE IN APPLICATIONS THAT POSE A RISK OF PHYSICAL HARM OR LOSS OF LIFE. USE OF PRODUCTS IN SUCH APPLICATIONS IS FULLY AT THE RISK OF CUSTOMER SUBJECT TO APPLICABLE LAWS AND REGULATIONS. Further Reading The following Xilinx links go to relevant XC9500XL CPLD documentation, including XAPP111, Using the XC9500XL Timing Model, and XAPP784, Bulletproof CPLD Design Practices. Simply click on the link and scroll down. Data Sheets, Application Notes, and White Papers. Packaging Revision History The following table shows the revision history for this document. Date Version Revision 09/28/98 1.0 Initial Xilinx release. 02/05/99 1.1 Updated pinouts to reflect BG256 (replaces BG352). 06/07/99 1.2 Added -7 speed and CS280 package. 02/08/01 1.3 Updated -6 AC and timing parameters, added FG256 package. 03/19/01 1.4 Pinout corrections. 06/20/02 1.5 Updated ICC equation, page 1. Updated Component Availability Chart: added -7 Industrial. Added additional IIH test conditions and measurements to DC Characteristics table. 05/27/03 1.6 Updated TSOL from 260 to 220oC. Added Part Marking and Updated Ordering Information. 08/21/03 1.7 Updated Package Device Marking Pin 1 orientation. 07/15/04 1.8 Added Pb-free documentation 09/15/04 1.9 Added TAPRPW specification to AC Characteristics. 03/22/06 2.0 Add Warranty Disclaimer. 04/03/07 2.1 Add programming temperature range warning on page 1. |