| Moteur de recherche de fiches techniques de composants électroniques |
|
CS280 Fiches technique(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS280 Fiches technique(HTML) 12 Page - Advanced Micro Devices |
|
12 / 14 page ![]() XC95288XL High Performance CPLD 12 www.xilinx.com DS055 (v2.1 April 3, 2007 1-800-255-7778 Product Specification R Device Part Marking and Ordering Combination Information Device Ordering and Part Marking Number Speed (pin-to-pin delay) Pkg. Symbol No. of Pins Package Type Operating Range(1) XC95288XL-6TQ144C 6 ns TQ144 144-pin Thin Quad Flat Pack C XC95288XL-6PQ208C 6 ns PQ208 208-pin Plastic Quad Flat Package C XC95288XL-6BG256C 6 ns BG256 256-ball Plastic Ball Grid Array C XC95288XL-6FG256C 6 ns FG256 256-ball Plastic Fineline Ball Grid Array C XC95288XL-6CS280C 6 ns CS280 280-ball Chipscale Package C XC95288XL-7TQ144C 7.5 ns TQ144 144-pin Thin Quad Flat Pack C XC95288XL-7PQ208C 7.5 ns PQ208 208-pin Plastic Quad Flat Package C XC95288XL-7BG256C 7.5 ns BG256 256-ball Plastic Ball Grid Array C XC95288XL-7FG256C 7.5 ns FG256 256-ball Plastic Fineline Ball Grid Array C XC95288XL-7CS280C 7.5 ns CS280 280-pin Chipscale Package C XC95288XL-7TQ144I 7.5 ns TQ144 144-pin Thin Quad Flat Pack I XC95288XL-7PQ208I 7.5 ns PQ208 208-pin Plastic Quad Flat Package I XC95288XL-7BG256I 7.5 ns BG256 256-ball Plastic Ball Grid Array I XC95288XL-7FG256I 7.5 ns FG256 256-ball Plastic Fineline Ball Grid Array I XC95288XL-7CS280I 7.5 ns CS280 280-pin Chipscale Package I XC95288XL-10TQ144C 10 ns TQ144 144-pin Thin Quad Flat Pack C XC95288XL-10PQ208C 10 ns PQ208 208-pin Plastic Quad Flat Package C XC95288XL-10BG256C 10 ns BG256 256-ball Plastic Ball Grid Array C XC95288XL-10FG256C 10 ns FG256 256-ball Plastic Fineline Ball Grid Array C XC95288XL-10CS280C 10 ns CS280 280-ball Chipscale Package C XC95288XL-10TQ144I 10 ns TQ144 144-pin Thin Quad Flat Pack I XC95288XL-10PQ208I 10 ns PQ208 208-pin Plastic Quad Flat Package I XC95288XL-10BG256I 10 ns BG256 256-ball Plastic Ball Grid Array I XC95288XL-10FG256I 10 ns FG256 256-ball Plastic Fineline Ball Grid Array I XC95288XL-10CS280I 10 ns CS280 280-ball Chipscale Package I XC95288XL-6TQG144C 6 ns TQG144 144-pin Thin Quad Flat Pack; Pb-free C XC95xxxXL TQ144 7C Device Type Package Speed Operating Range This line not related to device part number Sample package with part marking. R 1 |