| Moteur de recherche de fiches techniques de composants électroniques |
|
CS280 Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS280 Fiches technique(HTML) 8 Page - Advanced Micro Devices |
|
8 / 14 page ![]() XC95288XL High Performance CPLD 8 www.xilinx.com DS055 (v2.1 April 3, 2007 1-800-255-7778 Product Specification R 5 1 – ––– – 645 7 1 – – – – – 537 5 2 34 49 U3 R1 U1 642 7 2 – 62 W6 R3 W5 534 5 3 – 50 V2 N3 V1 639 7 3 45 63 Y6 M6 U6 531 5 4 – ––– – 636 7 4 – – – – – 528 5 5 35 51 V3 P2 U2 633 7 5 46 64 V7 T3 V6 525 5 6 – 54 Y2 P4V3 630 7 6 – 66 U8T4 W6 522 5 7 – ––– – 627 7 7 – – – – – 519 58 38(1) 55(1) W4(1) P5(1) W2(1) 624 7 8 – 67 W7 P7 U7 516 5 9 – – V4 T2 W3 621 7 9 – – Y7 T5 V7 513 5 10 39 56 U5 N5 T4 618 7 10 – 69 V8 N7 W7 510 5 11 – – Y3 R4 U4 615 7 11 – – W8 R7 T7 507 5 12 40 57 Y4M5V4 612 7 12 48 70 Y8 M7 W8 504 5 13 – ––– – 609 7 13 – – – – – 501 5 14 41 58 V5 R5 W4 606 7 14 – 71 U9 T6 U8 498 5 15 43 60 V6 R6 V5 603 7 15 49 72 V9 N8 V8 495 5 16 – ––– – 600 7 16 – – – – – 492 5 17 44 61 U7 N6 T5 597 7 17 – 73 W9 T7 T8 489 5 18 – ––– – 594 7 18 – – – – – 486 6 1 – ––– – 591 8 1 - – – – – 483 6 2 135 197 D7 A5 D7 588 8 2 130 186 A9 E11 B10 480 6 3 136 198 C6 D6 A6 585 8 3 131 187 B9 A8 C10 477 6 4 – ––– – 582 8 4 – – – – – 474 6 5 137 199 B5 B5 B6 579 8 5 132 188 C9 C8 D10 471 6 6 138 200 A4 C6 C6 576 8 6 – 189 D9 B8 A9 468 6 7 – ––– – 573 8 7 – – – – – 465 6 8 139 201 C5 A4 D6 570 8 8 133 191 A8 D8 B9 462 6 9 – – B4 E7 A5 567 8 9 – – B8 A7 C9 459 6 10 140 202 A3 A3 C5 564 8 10 134 192 C8 E9 D9 456 6 11 – – D5 C5 B5 561 8 11 – – D8 B7 A8 453 6 12 – 203 C4 A2 D5 558 8 12 – 193 A7 D7 B8 450 6 13 – ––– – 555 8 13 – – – – – 447 6 14 142 205 B2 B4 B4 552 8 14 – 194 B7 A6 C8 444 6 15 143(1) 206(1) A2(1) C4(1) C4(1) 549 8 15 – 195 B6 B6 B7 441 6 16 – ––– – 546 8 16 – – – – – 438 6 17 – 208 C3 B3 A3 543 8 17 – 196 A5 E8 C7 435 6 18 – ––– – 540 8 18 – – – – – 432 Notes: 1. Global control pin. 2. The pin-outs are the same for Pb-free versions of packages. XC95288XL I/O Pins (Continued)(2) Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order |