| Moteur de recherche de fiches techniques de composants électroniques |
|
AX88172ATF Fiches technique(PDF) 20 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88172ATF Fiches technique(HTML) 20 Page - ASIX Electronics Corporation |
|
20 / 45 page ![]() ASIX ELECTRONICS CORPORATION 20 AX88772A/AX88172A Low-pin-count USB 2.0 to 10/100M Fast Ethernet Controller 2.3 Hardware Setting For Operation Mode And Multi-Function Pins Please contact ASIX for receiving “AX88x72A Full Datasheet” which contains detailed description of section 2.3 and section 3, 4, 5, 6, 7, 8. 3.0 Function Description 3.1 USB Core and Interface 3.2 10/100M Ethernet PHY 3.3 MAC Core 3.4 Operation Mode 3.5 Station Management (STA) 3.6 Memory Arbiter 3.7 USB to Ethernet Bridge 3.8 Serial EEPROM Loader 3.9 General Purpose I/O 3.10 Serial Interface Controller 3.11 Clock Generation 3.12 Reset Generation 3.13 Voltage Regulator 4.0 Serial EEPROM Memory Map 4.1 Detailed Description 5.0 USB Configuration Structure 5.1 USB Configuration 5.2 USB Interface 5.3 USB Endpoints 6.0 USB Commands 6.1 USB Standard Commands 6.2 USB Vendor Commands 6.2.1 Detailed Register Description 6.2.2 Command Block Wrapper for Serial Interface 6.2.2.1 UART controller |