| Moteur de recherche de fiches techniques de composants électroniques |
|
331 Fiches technique(PDF) 55 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
331 Fiches technique(HTML) 55 Page - Abbatron All Rights Reserved |
|
55 / 60 page ![]() Ceramic Standoffs LENGTH THREAD OD • Ceramic standoffs are Grade L-5 Steatite, glazed and fired at high temperature. • Threaded from each end as indicated in table. • The ideal Insulator, Steatite exhibits exceptional strength in compression and tension, but is weak in shear (torsion), as are all glass-type materials. • Continuous safe operating temperature rating of 930oC (1700oF). 53 www.abbatron.com Contact our Sales Department at 1-888-847-6484 PART MIL NO. SIZE DEPTH NUMBER 2640 1/4 1/4 THRU 2642 3/8 3/8 2641 1/4 2643 5/32 2600 5/32 NL523 W01 004 2644 1/2 9/64 2601 3/8 1/4 NL523 W01 005 2607 1/2 8-32 3/16 NL523 W02 005 2602 3/8 NL523 W01 006 2645 2608 8-32 NL523 W02 006 2603 3/8 NL523 W01 008 2646 2609 8-32 NL523 W02 008 2615 3/4 10-32 NL523 W03 008 2604 3/8 6-32 NL523 W01 010 2610 1/2 8-32 NL523 W02 010 2616 3/4 10-32 NL523 W03 010 2622 1 1/4-20 7/16 NL523 W04 010 2647 1/2 9/16 2605 3/8 NL523 W01 012 2611 1/2 8-32 NL523 W02 012 2617 3/4 10-32 NL523 W03 012 2623 1 1/4-20 1/2 NL523 W04 012 2606 3/8 6-32 NL523 W01 016 2612 1/2 8-32 NL523 W02 016 2618 3/4 10-32 NL523 W03 016 2624 1 1/4-20 5/8 NL523 W04 016 2648 6-32 1/2 2613 8-32 NL523 W02 020 2619 10-32 NL523 W03 020 2649 3/4 2625 1 5/8 NL523 W04 020 2614 1/2 8-32 NL523 W02 024 2620 3/4 10-32 NL523 W03 024 2626 1 5/8 NL523 W04 024 2650 3/4 2621 10-32 3/8 NL523 W03 032 2627 NL523 W04 032 2628 5 NL523 W04 040 2629 6 NL523 W04 048 THREAD 1/2 5/32 3/8 6-32 5/8 LENGTH O.D. 3/4 6-32 1/4 1/2 3/8 2 3/8 1 1/2 6-32 3/8 1-1/4 1/2 3/4 1/4-20 1-1/2 6-32 3/8 3 1/4-20 3/8 4 3/4 1 1/4-20 5/8 2-1/2 SCREW NO. MAJOR DIA. HOLE SIZE #2 0.086 0.093 #3 0.099 0.100 #4 0.112 0.120 #5 0.125 0.130 #6 0.138 0.144 #8 0.164 0.169 #10 0.190 0.196 #12 0.216 0.220 |