| Moteur de recherche de fiches techniques de composants électroniques |
|
331 Fiches technique(PDF) 33 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
331 Fiches technique(HTML) 33 Page - Abbatron All Rights Reserved |
|
33 / 60 page ![]() Insulated Washers PART SCREW ID OD THKNS HT. DIA. PART SCREW ID OD THKNS HT. DIA. NO. CLEAR A B C D E NO. CLEAR A B C D E 2652 1/32 1/32 2666 #10 13/64 3/8 2671 1/16 1/16 2664 1/4 1/4 2514 #4 1/8 9/32 3/54 3/54 2669 17/64 17/64 3/8 2670 1/4 1/16 1/16 2668 5/8 2515 3/64 3/64 2667 3/4 1/16 2672 2687 #6 9/64 7/16 3/32 2673 #8 11/64 2688 #8 11/64 33/64 7/64 7/64 2674 #10 13/64 2689 #10 13/64 37/64 9/64 9/64 2518 5/8 2690 15/64 39/64 5/32 5/32 2675 2691 1/4 43/64 3/16 3/16 2676 3/32 3/32 2681 1/8 9/32 3/16 2677 5/16 5/16 5/16 2682 9/64 21/64 7/32 2679 3/4 2683 #8 11/64 3/8 1/4 2678 5/8 2684 #10 13/64 7/16 9/32 2517 #10 13/64 7/16 2685 1/4 1/4 9/16 3/8 2651 #2 3/32 1/4 .055 .025 5/32 2686 3/8 3/8 3/4 1/2 2661 #4 1/8 17/54 1/16 2534 #4 7/64 15/64 9/64 2662 1/4 2535 #6 9/64 19/64 11/64 2663 5/16 2536 #8 11/64 11/32 13/64 2660 2537 #10 13/64 13/32 17/64 2665 #8 11/64 2538 1/4 17/64 13/64 5/16 9/64 1/4 3/8 #6 1/4 1/16 1/16 1/16 0.05 0.06 1/4 3/8 3/8 17/64 5/16 1/2 0.06 1/4 - 0.04 FIG. MAT. FIG. A #2 3/32 1/4 D 1/2 5/16 MAT. C 3/16 3/8 E 1/16 3/8 B #6 Nylon 9/64 3/8 3/32 1/32 3/8 1/4 1/32 3/32 Nylon B 0.05 3/8 1/2 0.04 3/8 A B C D E • Nylon 6/6 washers are offered in natural milky white color. • Nominal dimensions are indicated. Inner diameter is clearance for screw size shown. Others are +/- 1/64”. • Alternative sizes, materials or finishes may be ob- tained in quantity as special order. 31 www.abbatron.com Contact our Sales Department at 1-888-847-6484 |