Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

331 Fiches technique(PDF) 36 Page - Abbatron All Rights Reserved

No de pièce 331
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

331 Fiches technique(HTML) 36 Page - Abbatron All Rights Reserved

Back Button 331 Datasheet HTML 32Page - Abbatron All Rights Reserved 331 Datasheet HTML 33Page - Abbatron All Rights Reserved 331 Datasheet HTML 34Page - Abbatron All Rights Reserved 331 Datasheet HTML 35Page - Abbatron All Rights Reserved 331 Datasheet HTML 36Page - Abbatron All Rights Reserved 331 Datasheet HTML 37Page - Abbatron All Rights Reserved 331 Datasheet HTML 38Page - Abbatron All Rights Reserved 331 Datasheet HTML 39Page - Abbatron All Rights Reserved 331 Datasheet HTML 40Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Wire & Cable Clamps
Fahnestock Clips
• Fahnestock clips are made of nickel plated spring brass and
designed for screw-on application as indicated in table.
• Type 539 Fahnestock clip has an additional hole for wire
soldering.
PART NO.
A
B
MOUNTING
539
9/16
.41
#4 Hole
533
1-1/16
.88
#6 Hole
CHASSIS
LENGTH
A
B
938
SR-3P-4
SPT-1
.12X.22
7/16
25/64
1/16
13/32
939
SR-5N-4
SV,SVT,HPD
1/4X19/64 Dia.
1/2
29/64
1/16
7/16
823
SR-6N-4
SJ,SJT,SJO
.330-.360 Dia.
5/8
35/64
1/16
37/64
PART NO.
USE WITH
WIRE TYPES
UL & CSA
STYLES
DIMENSIONS
CHASSIS
HOLE
ACROSS
FLATS
APPROX.
CABLE SIZES
• Wire strain relief clamps are made of black nylon, type
6/6, and are offered in right angle or straight-through
styles.
• One piece, these easy to install reliefs absorb pull and twist
stress on power cords. They fully insulate and permanently
anchor the power cord.
• U.L. and CSA recognized components.
Wire Strain Reliefs
34
HH Smith
• See our website @ www.abbatron.com for a full list of cable clamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60