Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN2483 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology RN2483 Datasheet HTML 17Page - Microchip Technology RN2483 Datasheet HTML 18Page - Microchip Technology RN2483 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2015-2019 Microchip Technology Inc.
DS50002346D-page 15
RN2483
APPENDIX A: REVISION HISTORY
Revision A (March 2015)
This is the initial release of this document.
Revision B (December 2015)
This revision includes the following updates:
• Updated Deep Sleep value in Table 2-3
• Updated Dimensions value in Table 2-4
• Updated Figure 4-1
• Updated Figure 4-2
• Added Figure 5-2
• Updated information for Section 5.1 “RF Trace
Layout Design”.
Revision C (April 2017)
This revision includes the following updates:
• Updated Figure 1-2 and Figure 3-1
• Updated Table 1-1, Table 2-2, and Table 2-3
• Added Table 2-6 and Table 2-7
• Updated Section 3.4 “RESET Pin”
• Added Section 3.6 “Internal Program Pins”
• Deleted Section “5.2 Application Schematic”.
Revision D (March 2019)
This revision includes the following update:
• Updated Section 6.1, Europe.
• Updates to Trademarks and Worldwide Sales and
Service pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22