Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN2483 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology RN2483 Datasheet HTML 17Page - Microchip Technology RN2483 Datasheet HTML 18Page - Microchip Technology RN2483 Datasheet HTML 19Page - Microchip Technology RN2483 Datasheet HTML 20Page - Microchip Technology RN2483 Datasheet HTML 21Page - Microchip Technology RN2483 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2015-2019 Microchip Technology Inc.
DS50002346D-page 19
RN2483
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
I
RM
XXX
Firmware
Package
Temperature
Range
Device
Device:
RN2483:
Low-Power Long Range LoRa® Technology
Transceiver module
Temperature Range:
I= -40
C to +85C (Industrial)
Package:
RM
= Radio Module
Examples:
RN2483A-I/RM: Industrial temperature
Revision
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22