| Moteur de recherche de fiches techniques de composants électroniques |
|
RN2483 Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN2483 Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 22 page ![]() 2015-2019 Microchip Technology Inc. DS50002346D-page 5 RN2483 43 GPIO6 Input/Output General purpose I/O pin or analog input 44 GPIO7 Input/Output General purpose I/O pin or analog input 45 GPIO8 Input/Output General purpose I/O pin or analog input 46 GPIO9 Input/Output General purpose I/O pin or analog input 47 GND Power Ground supply terminal Note 1: Optional handshake lines are supported in future firmware releases. 2: The “RN2483 LoRa® Technology Module Command Reference User’s Guide” (DS40001784) uses the pin name TEST0 for PGC_INT and TEST1 for PGD_INT. TABLE 1-1: PIN DESCRIPTION (CONTINUED) Pin Name Type Description |