| Moteur de recherche de fiches techniques de composants électroniques |
|
AEQ15AF48N Fiches technique(PDF) 13 Page - Astec America, Inc |
|
|
|||||||||||||||||||||||||||||
AEQ15AF48N Fiches technique(HTML) 13 Page - Astec America, Inc |
|
13 / 15 page ![]() Technical Reference Notes AEQ15AF48 Series (Dual Output Quarter Brick - Baseplate) MODEL: AEQ15AF48 SERIES SHEET 13 OF 15 JUNE 16, 2003 - REVISION 01 Performance Curves (continued) OUTPUT RIPPLE Figure 14. Output ripple at VIN = 48V, 5V (CH2) at 1A load, 3.3V (CH1) at 1A load. Figure 15. Output Ripple at VIN = 48V, 5V (CH2) at 1A load, 3.3V (CH1) at 15A load. Figure 16. Output Ripple at VIN = 48V, 5V (CH2) at 12A load, 3.3V (CH1) at 1A load. Figure 17. Output Ripple at VIN = 48V, 5V (CH2) at 6A load, 3.3V (CH1) at 9A load. |