Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AEQ15AF48N Fiches technique(PDF) 9 Page - Astec America, Inc

No de pièce AEQ15AF48N
Description  Industry StandardBrick w/ Baseplate: 36V-75V Input; 60W Output Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48N Fiches technique(HTML) 9 Page - Astec America, Inc

Back Button AEQ15AF48N Datasheet HTML 5Page - Astec America, Inc AEQ15AF48N Datasheet HTML 6Page - Astec America, Inc AEQ15AF48N Datasheet HTML 7Page - Astec America, Inc AEQ15AF48N Datasheet HTML 8Page - Astec America, Inc AEQ15AF48N Datasheet HTML 9Page - Astec America, Inc AEQ15AF48N Datasheet HTML 10Page - Astec America, Inc AEQ15AF48N Datasheet HTML 11Page - Astec America, Inc AEQ15AF48N Datasheet HTML 12Page - Astec America, Inc AEQ15AF48N Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 9 OF 15
JUNE 16, 2003 - REVISION 01
Basic Operation and Features (continued)
OUTPUT ENABLE
The AEQ15 comes with an Enable pin (PIN 2) which is primarily used to turn ON/OFF the converter. Both a Positive (no part
number suffix required) and Negative (suffix “N” required) Enable Logic option is being offered (see Part Numbering Scheme
in Table 1).
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns on when the
Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit will shut down the entire converter if any of the two output voltages exceeds the OVP
threshold limits. The converter will automatically recover once the fault is removed.
OUTPUT OVER CURRENT PROTECTION (OCP)
The Over Current Protection circuit will shutdown the converter if any of the load current of either output reaches the OCP
threshold limits. The unit will automatically recover by going into a hiccup mode until the cause of the over current condition
is removed. Note that in Figures 5 and 6, Channel 1 is 3.3V and Channel 2 is 5V.
Figure 5. IO2 (5V) = OCP, IO1 (3V3) = 1A.
Figure 6. IO2 (5V) = 1A, IO1 (3V3) = OCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com