Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AEQ15AF48N Fiches technique(PDF) 10 Page - Astec America, Inc

No de pièce AEQ15AF48N
Description  Industry StandardBrick w/ Baseplate: 36V-75V Input; 60W Output Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48N Fiches technique(HTML) 10 Page - Astec America, Inc

Back Button AEQ15AF48N Datasheet HTML 6Page - Astec America, Inc AEQ15AF48N Datasheet HTML 7Page - Astec America, Inc AEQ15AF48N Datasheet HTML 8Page - Astec America, Inc AEQ15AF48N Datasheet HTML 9Page - Astec America, Inc AEQ15AF48N Datasheet HTML 10Page - Astec America, Inc AEQ15AF48N Datasheet HTML 11Page - Astec America, Inc AEQ15AF48N Datasheet HTML 12Page - Astec America, Inc AEQ15AF48N Datasheet HTML 13Page - Astec America, Inc AEQ15AF48N Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 10 OF 15
JUNE 16, 2003 - REVISION 01
Basic Operation and Features (continued)
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the sensed location reaches the OTP range. This
feature prevents the unit from overheating and consequently going into thermal runaway, which may further damage the
converter and the end system. Such overheating may be an effect of operation outside the given power thermal derating
conditions. Restart is possible once the baseplate temperature drops to less than 105
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com