Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR645 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology LR645 Datasheet HTML 17Page - Microchip Technology LR645 Datasheet HTML 18Page - Microchip Technology LR645 Datasheet HTML 19Page - Microchip Technology LR645 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
 2015-2023 Microchip Technology Inc. and its subsidiaries
DS20005384B-page 16
LR645
Microchip Technology Drawing C04-101-TO Rev D Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
3-Lead Plastic Transistor Outline (TO) [TO-92]
1
(DATUM B)
(DATUM A)
VIEW A-A
TOP VIEW
2
E
A
L
3X b
e
D
c
N
A
A
SIDE VIEW
R
0.006
B A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24