Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR645 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button LR645 Datasheet HTML 9Page - Microchip Technology LR645 Datasheet HTML 10Page - Microchip Technology LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology LR645 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LR645
DS20005384B-page 13
 2015-2023 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2029C
3-Lead Plastic Small Outline Transistor (MB) - [SOT-89]
SILK SCREEN
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Y1
Y
X
C
X1
X2
Dimension Limits
Units
Y (2 PLACES)
Y1
X2 (2 PLACES)
X1
MILLIMETERS
MIN
X (3 PLACES)
MAX
1.300
3.125
Y3
Y2
Y4
NOM
1.50 (BSC)
C
0.900
1.733
0.416
1.475
0.825
1.000
Y4
Y3
G
Y2
G (2 PLACES)
0.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24