| Moteur de recherche de fiches techniques de composants électroniques |
|
LR645 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LR645 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() LR645 DS20005384B-page 21 2015-2023 Microchip Technology Inc. and its subsidiaries PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LR645 = High-Input, Voltage SMPS, Start-up/Linear Regulator Package: LG = 8-lead SOIC (adjustable voltage) N3 = TO-92 (fixed voltage) N5 = TO-220 (fixed voltage) N8 = TO-243AA (SOT-89) (fixed voltage) Environmental: G = Lead (Pb)-free/ROHS-compliant package Media Type: (blank) = 3300/Reel for LG package = 1000/Bag for N3 package = 50/Tube for N5 package = 2000/Reel for N8 package P003 = 2000/Reel for N3 package P013 = 2000/Ammo Pack for N3 package Examples: a) LR645LG-G: Tape and Reel, 8-lead SOIC package, Adjustable voltage b) LR645N3-G TO-92 package, Bag, Fixed voltage c) LR645N3-G-P003: Tape and Reel, TO-92 package, Fixed voltage d) LR645N3-G-P013: AMMO Pack, TO-92 package, Fixed voltage e) LR645N5-G TO-220 package, Tube, Fixed voltage f) LR645N8-G Tape and Reel, TO-243AA package, Fixed voltage PART NO. -XXXX Device -X Environmental XX Package Type Media Type Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. |