Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS45 Fiches technique(PDF) 102 Page - Toshiba Semiconductor

No de pièce TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Fiches technique(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-100
3.8
16-Bit Timers/Event Counters
The TMP93CS44/TMP93CS45 contains two (Timer 4 and timer 5) multifunctional 16-bit
timer/event counter with the following operation modes.
•
16-bit interval timer mode
•
16-bit event counter mode
•
16-bit programmable pulse generation (PPG) mode
Can be used following operation modes by capture function.
•
Frequency measurement mode
•
Pulse width measurement mode
•
Time differential measurement mode
Timer/event counter consists of 16-bit up counter, two 16-bit timer registers, two 16-bit
capture registers (One of them applies double buffer), two comparators, capture input controller,
and timer flip-flop and the control circuit.
Timer/event counter is controlled by 4 control registers: T4MOD/T5MOD, T4FFCR/T5FFCR,
TRUN and T45CR.
Figure 3.8.1, 2 shows the block diagram of 16-bit timer/event counter (Timer 4 and timer 5).
Timer 4 and 5 can be used independently.
All timers operate in the same manner, and thus only the operation of timer 4 will be
explained below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More