| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS45 Fiches technique(PDF) 79 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 Fiches technique(HTML) 79 Page - Toshiba Semiconductor |
|
79 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-77 3.6.5 Example of Usage (1) Example of usage-1 Figure 3.6.2 is an example in which an external memory is connected to the TMP93CS45. In this example, a ROM is connected using 16-bit bus; a RAM is connected using 8-bit bus. Figure 3.6.2 Example of External Memory Connection (ROM = 16 bits, RAM and I/O = 8 bits) WAITC0 EQU 68H WAITC1 EQU 69H WAITC2 EQU 6AH LD (WAITC0), XXX10000B ; WAITC0 = 8 bits, 2 waits, 7F00H to 7FFFH. LD (WAITC1), XXX11100B ; WAITC1 = 8 bits, 0 waits, 880H to 7EFFH. LD (WAITC2), XXX00111B ; WAITC2 = 16 bits, 1 wait, C00000H to FFFFFFH. X: Don’t care TMP93CS45 D Q LE 74HC573 Decoder Upper Address ALE AD8 to AD15 AD0 to AD7 RD WR EA AM8/ AM16 CS Upper byte ROM OE CS Lower byte ROM OE CS 8-bit bus RAM OE WE CS 8-bit bus I/O OE WE D Q LE IOCS RAMCS ROMCS Address bus |