Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS45 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TMP93CS45 Datasheet HTML 1Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-3
Note: The pin state after reset.
Product
AM8/ AM16
Pin Function after Reset
TMP93CS44
“H” level
Item in parentheses ( ) are the initial setting after reset.
“H” level
Except for “*” pins, item in parentheses ( ) are the initial
setting after reset.
TMP93CS45
“L” level
Except for “*” pins, item in parentheses ( ) are the initial
setting after reset. However, port 1 is initialized item of out
parentheses.
Figure 1.1 TMP93CS44/TMP93CS45 Block Diagram
10-bit 8-ch
AD converter
Serial I/O
(Channel 0)
Serial I/O
(Channel 1)
AN0 to AN2 (P50 to P52)
AN3/ ADTRG (P53)
AN4 to AN7 (P54 to P57)
AVCC
AVSS
VREFH
VREFL
TXD0 (P60)
RXD0 (P61)
SCLK0/ CTS0 (P62)
TXD1 (P63)
RXD1 (P64)
SCLK1/ CTS1 (P65)
Port 7
WAIT
(P70)
P71
P72
P73
P74
P75
P76
P77
8-bit timer
(Timer 0)
8-bit timer
(Timer 1)
8-bit timer
(Timer 2)
8-bit timer
(Timer 3)
TO3 (P41)
16-bit timer
(Timer 4)
16-bit timer
(Timer 5)
INT4/TI4 (P42)
INT5/TI5 (P43)
TO4 (P44)
INT6/TI6 (P45)
INT7/TI7 (P46)
TO6 (P47)
W
A
BC
DE
HL
IX
IY
IZ
SP
XWA
XBC
XDE
XHL
XIX
XIY
XIZ
XSP
32-bits
F
SR
PC
2-Kbyte RAM
64-Kbyte ROM
Interrupt
controller
Watchdog
timer
Port 0
Port 1
Port 2
Port 3
Wait
controller
(3 blocks)
High-
frequency
OSC
Low-
frequency
OSC
VCC [2]
VSS [2]
X1
X2
INT0 (P35)
NMI
AD0 to AD7*
(P00 to P07)
AD8 to AD15/A8 to A15*
(P10 to P17)
A0 to A7/A16 to A23*
(P20 to P27)
RD
(P30) *
WR
(P31) *
HWR
/SCK (P32)
CLK
INT1/TI0 (P40)
Not included in the
TMP93CS45
Serial bus
interface
controller
SO/SDA (P33)
SI/SCL (P34)
XT1 (P66)
XT2 (P67)
900/L CPU
AM8/ AM16
EA
RESET
ALE
TEST1/TEST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More