| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS45 Fiches technique(PDF) 70 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 Fiches technique(HTML) 70 Page - Toshiba Semiconductor |
|
70 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-68 (4) Port 66 (XT1) and port 67 (XT2) Port 66 and port 67 are general purpose I/O ports. It is also used as a low-frequency oscillator connecting pin. Figure 3.5.18 Port 66 to Port 67 Reset P6CR write P6 read P66 (XT1) P6 write S Output latch S B Selector A Low-frequency oscillation enable BUS6 BUS6 BUS6 P6CR write P6 read P6 write S Output latch S B Selector A BUS7 BUS7 BUS7 P67 (XT2) Low-frequency clock (fs) Output buffer (Open-drain output) Output buffer (Open-drain output) (ON at “1”) S Direction control (on bit basis) S Direction control (on bit basis) |