| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 183 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 183 Page - Toshiba Semiconductor |
|
183 / 410 page ![]() Page 169 TMP89FS60 RA002 14.2.2 Timer counter 01 Timer counter 01 is controlled by timer counter 01 mode register (T01MOD) and two 8-bit timer registers (T01REG and T01PWM). Note 1: For the configuration of T00PWM in the 8-bit and 12-bit PWM modes, refer to "14.4.3 8-bit pulse width modulation (PWM) output mode" and "14.4.7 12-bit pulse width modulation (PWM) output mode". Timer register 01 T01REG 15 14 13 12 11 10 9 8 (0x0027) Bit Symbol T01REG Read/Write R/W After reset 11111 111 Timer register 01 T01PWM 76543 210 (0x0029) Bit Symbol T01PWM Read/Write R/W After reset 11111 111 |