Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP89FS60 Fiches technique(PDF) 181 Page - Toshiba Semiconductor

No de pièce TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Fiches technique(HTML) 181 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 177Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 178Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 179Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 180Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 181Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 182Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 183Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 410 page
background image
Page 167
TMP89FS60
RA002
14.2 Control
14.2.1 Timer counter 00
The timer counter 00 is controlled by the timer counter 00 mode register (T00MOD) and two 8-bit timer reg-
isters (T00REG and T00PWM).
Note 1: For the configuration of T00PWM in the 8-bit and 12-bit PWM modes, refer to "14.4.3 8-bit pulse width modulation (PWM)
output mode" and "14.4.7 12-bit pulse width modulation (PWM) output mode".
Timer register 00
T00REG
15
14
13
12
11
10
9
8
(0x0026)
Bit Symbol
T00REG
Read/Write
R/W
After reset
11111
111
Timer register 00
T00PWM
76543
210
(0x0028)
Bit Symbol
T00PWM
Read/Write
R/W
After reset
11111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More