| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 77 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 77 Page - Toshiba Semiconductor |
|
77 / 410 page ![]() Page 63 TMP89FS60 RA000 4. External Interrupt control circuit External interrupts detects the change of the input signal and generates an interrupt request. Noise can be removed by the built-in digital noise canceller. 4.1 Configuration The external interrupt control circuit consists of a noise canceller, an edge detection circuit, a level detection cir- cuit and an interrupt signal generation circuit. Externally input signals are input to the rising edge or falling edge or level detection circuit for each external inter- rupt, after noise is removed by the noise canceller. Figure 4-1 External Interrupts 0/5 Figure 4-2 External Interrupts 1/2/3 Figure 4-3 External Interrupt 4 Noise canceller INTj pin fs/4 fcgck INTj interr request j=0,5 Falling edge detection circuit Interrupt request signal generation circuit Noise canceller 3 4 2 1 fcgck fs/4 INTi pin INTiLVL INTiES INTi interrupt request i=1 to 3 AB C D S Z Rising edge detection circuit Interrupt request signal generation circuit Falling edge detection circuit EINTCRi Noise canceller 3 4 2 1 fcgck INT4 pin INT4LVL INT4ES INT4 interrupt request AB C D S Z Rising edge detection circuit Interrupt request signal generation circuit Level detection circuit Falling edge detection circuit EINTCR4 fs |