| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 69 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 69 Page - Toshiba Semiconductor |
|
69 / 410 page ![]() Page 55 TMP89FS60 RA003 Interrupt priority change control register 4 ILPRS4 76543 210 (0x0FF3) Bit Symbol IL19P IL18P IL17P IL16P Read/Write R/W R/W R/W R/W After reset 00000 000 IL19P Sets the interrupt priority of IL19. 00: Level 0 (lower priority) IL18P Sets the interrupt priority of IL18. 01: Level 1 IL17P Sets the interrupt priority of IL17. 10: Level 2 IL16P Sets the interrupt priority of IL16. 11: Level 3 (higher priority) Interrupt priority change control register 5 ILPRS5 76543 210 (0x0FF4) Bit Symbol IL23P IL22P IL21P IL20P Read/Write R/W R/W R/W R/W After reset 00000 000 IL23P Sets the interrupt priority of IL23. 00: Level 0 (lower priority) IL22P Sets the interrupt priority of IL22. 01: Level 1 IL21P Sets the interrupt priority of IL21. 10: Level 2 IL20P Sets the interrupt priority of IL20. 11: Level 3 (higher priority) Interrupt priority change control register 6 ILPRS6 76543 210 (0x0FF5) Bit Symbol IL27P IL26P IL25P IL24P Read/Write R/W R/W R/W R/W After reset 00000 000 IL27P Sets the interrupt priority of IL27. 00: Level 0 (lower priority) IL26P Sets the interrupt priority of IL26. 01: Level 1 IL25P Sets the interrupt priority of IL25. 10: Level 2 IL24P Sets the interrupt priority of IL24. 11: Level 3 (higher priority) |