| Moteur de recherche de fiches techniques de composants électroniques |
|
MMA7455LR2 Fiches technique(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7455LR2 Fiches technique(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 27 page ![]() Sensors Freescale Semiconductor 19 MMA7455L CLR_INT1 1: Clear “INT1” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register depending on “Detection control” reg- ister setting. 0: Do not clear “INT1” LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register. CLR_INT2 1: Clear “INT2” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register depending on “Detection control” reg- ister setting. 0: Do not clear “INT2” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register. EXAMPLE: How to clear both interrupt flags This example is to show how to reset the interrupt flags void ClearIntLatch(void) { IIC_ByteWrite(INTRST, 0x03); IIC_ByteWrite(INTRST, 0x00); } To clear the interrupts you must first write a logic 1 into both registers and then a logic 0 . INTPIN 0: INT1 pin is routed to “INT1” register and INT2 pin is routed to “INT2” register. 1: INT2 pin is routed to “INT1” register and INT1 pin is routed to “INT2” register. Note: Assigned to single pulse detection even if double pulse detection is selected. “Double pulse detection se- lected” means “Time window for 2nd pulse” is not equal to zero. When double pulse detection is selected, INT1 reg- ister bit is not able to be cleared by setting CLR_INT1 bit. It’s cleared by setting CLR_INT2 bit. In this case, setting CLR_INT2 clears both INT1 and INT2 register bits and re- set detecting operation itself. XDA 1: X axis is disabled for detection. 0: X axis is enabled for detection. YDA 1: Y axis is disabled for detection. 0: Y axis is enabled for detection. ZDA 1: Z axis is disabled for detection. 0: Z axis is enabled for detection. THOPT (This bit is valid for level detection only, not valid for pulse detection) 0: Threshold value is absolute only 1: Positive/Negative threshold value is available. DFBW 0: Digital filter band width is 62.5 Hz 1: Digital filter band width is 125 Hz $17: Interrupt latch reset (Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Bit -- -- -- -- -- -- CLR_INT2 CLR_INT1 Function 0 0 0 0 0 0 0 0 Default $18: Control 1 (Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Bit DFBW THOPT ZDA YDA XDA INTREG[1] INTREG[0] INTPIN Function 0 0 0 0 0 0 0 0 Default INTREG[1:0] “INT1” register bit “INT2” register bit 00 Level Detection Pulse Detection 01 Pulse Detection Level Detection 10 Single pulse detection (*Note) Pulse Detection |