| Moteur de recherche de fiches techniques de composants électroniques |
|
MMA7455LR2 Fiches technique(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7455LR2 Fiches technique(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 27 page ![]() Sensors 22 Freescale Semiconductor MMA7455L MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads. SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD These guideline are for soldering and mounting the LGA package inertial sensors to printed circuit boards (PCBs). The purpose is to minimize the stress on the package after board mounting. Both the MMA73x0L 3 axis analog output family of accelerometers and the MMA7455L digital output accelerometer use the Land Grid Array (LGA) package platform. This section describes suggested methods of soldering these devices to the PC board for consumer applications. Figure 19 shows the recommended PCB land pattern for the package. Figure 19. Recommended PCB Land Pattern for the 5 x 3 mm LGA Package OVERVIEW OF SOLDERING CONSIDERATIONS Information provided here is based on experiments executed on LGA devices. They do not represent exact conditions present at a customer site. Hence, information herein should be used as a guidance only and process and design optimizations are recommended to develop an application specific solution. It should be noted that with the proper PCB footprint and solder stencil designs the package will self-align during the solder reflow process. The following are the recommended guidelines to follow for mounting LGA sensors for consumer applications. PCB MOUNTING RECOMMENDATIONS 1. The PCB land should be designed with Non Solder Mask Defined (NSMD) as shown in Figure 22. 2. No additional metal pattern underneath package as shown in Figure 21. 3. PCB land pad is 0.9mm x 0.6mm which is the size of the package pad plus 0.1mm as shown in Figure 22. 4. The solder mask opening is equal to the size of the PCB land pad plus an extra 0.1mm as shown in Figure 22. 5. The stencil aperture size is equal to the PCB land pad – 0.025mm. Also note that for the 4 corner pads the aperture size must be larger for solder balancing as shown in Figure 23 and Figure 24. A 6mil thick stencil is recommended. 6x2 12x1 14x0.9 14x0.6 10x0.8 1 13 6 8 |