Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMA7455LR2 Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MMA7455LR2
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR2 Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Sensors
Freescale Semiconductor
11
MMA7455L
MULTIPLE BYTES WRITE
The MMA7455L automatically increments the received
register address commands after a write command is
received. Therefore, after following the steps of a single byte
write, multiple bytes of data can be written to sequential
registers after each MMA7455L acknowledgment (ACK) is
received. See Figure 10.
Figure 10. Multiple Byte Writes - The Master (MCU) is writing to multiple sequential registers of the MMA7455L
SPI SLAVE INTERFACE
The MMA7455L also uses serial peripheral interface
communication as a digital communication. The SPI
communication is primarily used for synchronous serial
communication between a master device and one or more
slave devices. See Figure 16 for an example of how to
configure one master with two MMA7455L devices. The
MMA7455L is always operated as a slave device. Typically,
the master device would be a microcontroller which would
drive the clock (SPC) and chip select (CS) signals.
The SPI interface consists of two control lines and two data
lines: CS, SPC, SDI, and SDO. The CS, also known as Chip
Select, is the slave device enable which is controlled by the
SPI master. CS is driven low at the start of a transmission. CS
is then driven high at the end of a transmission. SPC is the
Serial Port Clock which is also controlled by the SPI master.
SDI and SDO are the Serial Port Data Input and the Serial
Port Data Output. The SDI and SDO data lines are driven at
the falling edge of the SPC and should be captured at the
rising edge of the SPC.
Read and write register commands are completed in 16
clock pulses or in multiples of 8, in the case of a multiple byte
read/write.
SPI READ OPERATION
A SPI read transfer consists of a 1-bit Read/Write signal, a
6-bit address, and 1-bit don’t care bit. (1-bit R/W=0 + 6-bits
address + 1-bit don’t care). The data to read is sent by the
SPI interface during the next transfer. See Figure 11 and
Figure 12 for the timing diagram for an 8-bit read in 4 wire and
3 wire modes, respectively.
SPI WRITE OPERATION
In order to write to one of the 8-bit registers, an 8-bit write
command must be sent to the MMA7455L. The write
command consists of an MSB (0=read, 1=write) to indicate
writing to the MMA7455L register, followed by a 6-bit address
and 1 don’t care bit.
The command should then be followed the 8-bit data
transfer. See Figure 13 for the timing diagram for an 8-bit
data write.
Figure 11. SPI Timing Diagram for 8-Bit Register Read (4 Wire Mode)
Figure 12. SPI Timing Diagram for 8-Bit Register Read (3 Wire Mode)
Figure 13. SPI Timing Diagram for 8-Bit Register Write (3 Wire Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27