Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 147 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 147 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 143Page - STMicroelectronics STM32H562RI Datasheet HTML 144Page - STMicroelectronics STM32H562RI Datasheet HTML 145Page - STMicroelectronics STM32H562RI Datasheet HTML 146Page - STMicroelectronics STM32H562RI Datasheet HTML 147Page - STMicroelectronics STM32H562RI Datasheet HTML 148Page - STMicroelectronics STM32H562RI Datasheet HTML 149Page - STMicroelectronics STM32H562RI Datasheet HTML 150Page - STMicroelectronics STM32H562RI Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 270 page
background image
DS14258 Rev 5
147/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.8
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal must respect the Table 40 in addition to Table 58. The external
clock can be low-swing (analog) or digital. In case of a low-swing analog input clock, the
clock squarer must be activated (refer to RM0481).
Table 39. Low-power mode wake-up timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wake-up time from
Sleep mode
Instruction cache enabled
15
16
CPU
clock
cycles
Instruction cache disabled
15
16
tWUSTOP
Wake-up time from
Stop mode
SVOS3, HSI 64 MHz, flash memory in normal mode
4.0
4.8
µs
SVOS3, HSI 64 MHz, flash memory in low-power mode
7.9
11.5
SVOS4, HSI 64 MHz, flash memory in normal mode
13.8
16.0
SVOS4, HSI 64 MHz, flash memory in low-power mode
17.7
21.9
SVOS5, HSI 64 MHz, flash memory in low-power mode
31.4
36.8
SVOS3, CSI 4 MHz, flash memory in normal mode
25.5
31.0
SVOS3, CSI 4 MHz, flash memory in low power mode
27.7
34.2
SVOS4, CSI 4 MHz, flash memory in normal mode
35.3
40.8
SVOS4, CSI 4 MHz, flash memory in low-power mode
37.5
44.0
SVOS5, CSI 4 MHz, flash memory in low-power mode
51.2
58.9
tWUSTBY
Wake-up time from
Standby mode
VCAP capacitors discharged
506.0 653.6
1. Evaluated by characterization - Not tested in production.
Table 40. High-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock
source frequency
External digital/analog
clock
425
50
MHz
VHSEH
Digital OSC_IN input
high-level voltage
External digital clock
0.7 VDD
-VDD
V
VHSEL
Digital OSC_IN input
low-level voltage
VSS
-0.3 VDD
tw(HSEH) / tw(HSEL)(2)
Digital OSC_IN input
high or low time
External digital clock
7
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com