Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 140Page - STMicroelectronics STM32H562RI Datasheet HTML 141Page - STMicroelectronics STM32H562RI Datasheet HTML 142Page - STMicroelectronics STM32H562RI Datasheet HTML 143Page - STMicroelectronics STM32H562RI Datasheet HTML 144Page - STMicroelectronics STM32H562RI Datasheet HTML 145Page - STMicroelectronics STM32H562RI Datasheet HTML 146Page - STMicroelectronics STM32H562RI Datasheet HTML 147Page - STMicroelectronics STM32H562RI Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
144/270
DS14258 Rev 5
AHB2
ADC12
2.35
2.1
1.9
1.74
μA/MHz
DAC1
1.35
1.19
1.07
0.98
DCMI
3.49
3.09
2.83
2.55
GPIOA
0.1
0.08
0.07
0.08
GPIOB
0.07
0.06
0.05
0.05
GPIOC
0.08
0.05
0.04
0.04
GPIOD
0.09
0.06
0.05
0.04
GPIOE
0.09
0.09
0.08
0.05
GPIOF
0.06
0.08
0.08
0.05
GPIOG
0.07
0.07
0.06
0.04
GPIOH
0.07
0.07
0.05
0.06
GPIOI
0.07
0.07
0.06
0.04
HASH1
1.37
1.2
1.1
1
PKA
5.43
4.78
4.37
3.98
RNG1
1.12
0.99
0.9
0.82
SRAM2
1.33
1.18
1.06
0.96
SRAM3
1.5
1.33
1.22
1.1
AHB2
1.59
1.39
1.29
1.16
AHB4
FMC
9.73
8.48
7.69
6.95
uA/MHz
OSPI1
2.88
2.54
2.29
2.08
SDMMC1
8.71
7.64
6.98
6.36
SDMMC2
8.46
7.45
6.82
6.2
AHB4
0.36
0.32
0.32
0.28
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com