Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 143 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 143 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 139Page - STMicroelectronics STM32H562RI Datasheet HTML 140Page - STMicroelectronics STM32H562RI Datasheet HTML 141Page - STMicroelectronics STM32H562RI Datasheet HTML 142Page - STMicroelectronics STM32H562RI Datasheet HTML 143Page - STMicroelectronics STM32H562RI Datasheet HTML 144Page - STMicroelectronics STM32H562RI Datasheet HTML 145Page - STMicroelectronics STM32H562RI Datasheet HTML 146Page - STMicroelectronics STM32H562RI Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 270 page
background image
DS14258 Rev 5
143/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration
•
All peripherals are disabled unless otherwise mentioned
•
The I/O compensation cell is enabled
•
fHCLK is the CPU clock, fPCLK = frcc_cpu_ck, and fHCLK = frcc_cpu_ck.
The given value is calculated by measuring the difference of current consumption:
•
with all peripherals clocked off
•
with only one peripheral clocked on
•
frcc_cpu_ck = 250 MHz (Scale 0), frcc_cpu_ck = 200 MHz (Scale 1), frcc_cpu_ck = 150 MHz
(Scale 2), frcc_cpu_ck= 100 MHz (Scale 3)
•
the ambient operating temperature is 25 °C and VDD = 3.0 V
Table 38. Peripheral current consumption in Sleep mode
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3
AHB1
SRAM1
0.9
0.85
0.78
0.7
μA/MHz
BKPRAM
0.95
0.89
0.82
0.74
CORDIC
0.5
0.45
0.42
0.4
CRC
0.22
0.21
0.18
0.18
DCACHE
0.66
0.59
0.55
0.51
ETH
11.33
10
9.13
8.32
FLASH
10.19
8.87
8.09
7.35
FMAC
2.07
1.84
1.68
1.56
GPDMA1
0.62
0.55
0.51
0.45
GPDMA2
0.45
0.43
0.38
0.35
GTZC1
1.19
1.05
0.97
0.9
ICACHE
0.86
0.81
0.75
0.67
RAMCFG
0.88
0.79
0.71
0.67
AHB1
1.09
0.94
0.86
0.79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com